Part Number Hot Search : 
TPC43 FZT2907A PQ1CG303 AD8250 228M00 BC847 M108I 74AC299
Product Description
Full Text Search
 

To Download SS8050LT1-SOT-23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate Transistors
SOT 23
SS8050LT1
FEATURES
TRANSISTORNPN (c)
1. BASE 2. EMITTER 3. COLLECTOR
Power dissipation PCM : 0.3 W Tamb=25ae(c) Collector current ICM : 1.5 A Collector-base voltage V(BR)CBO : 40 V Operating and storage junction temperature range T J T stg: -55aeto +150ae
Unit : mm
ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE(1) DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency VCE(sat) VBE(sat)
unless
Test
otherwise
specified(c)
MIN 40 25 5 0.1 0.1 0.1 120 40 0.5 1.2 100 V V MHz 350 TYP MAX UNIT V V V |I A |I A |I A
conditions
Ic= 100|I A IE=0 Ic= 0.1mAIB=0 IE=100|I AIC=0 VCB=40 V , IE=0 VCB=20V , IE=0 VEB= 5V , IC=0
VCE=1V, IC= 100m A VCE=1V, IC= 800mA IC=800 mA, IB= 80m A IC=800 mA, IB= 80m A VCE=10V, I = 50mA C
fT
f=30MHz
CLASSIFICATION OF hFE(1) Rank Range DEVICE MARKING:
8050LT1=Y1
L 120- 200
H 200- 350
SOT-23 PACKAGE OUTLINE DIMENSIONS
D b
|E
0.2
E1
E
L1 e e1 C A1 A2 Symbol A A1 A2 b c D E E1 e e1 L L1 |E 0.300 0 1.800 0.550REF 0.500 8 0.012 0 Dimensions In Millimeters Min 0.900 0.000 0.900 0.300 0.080 2.800 1.200 2.250 0.950TPY 2.000 0.071 0.022REF 0.020 8 Max 1.100 0.100 1.000 0.500 0.150 3.000 1.400 2.550 Min 0.035 0.000 0.035 0.012 0.003 0.110 0.047 0.089 0.037TPY 0.079 A L Dimensions In Inches Max 0.043 0.004 0.039 0.020 0.006 0.118 0.055 0.100


▲Up To Search▲   

 
Price & Availability of SS8050LT1-SOT-23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X